PART |
Description |
Maker |
MIC2215-MMMBML MIC2215-PPGYML MIC2215-PPPBML MIC22 |
Triple High PSRR, Low Noise μCap LDO TRIPLE OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, QCC16
|
Micrel Semiconductor MICREL INC
|
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
LM317M ON0307 LM317MBSTT1 |
From old datasheet system Three-Termlnal Adjustable Output Posltlve Voltage Regulator Three-Terminal Adjustable Output Positive Voltage Regulator
|
ON Semiconductor
|
ISL6414IRZ-TK ISL6414 ISL6414IR ISL6414IR-T5K ISL6 |
Hex Inverters 14-SO -40 to 85 TRIPLE OUTPUT, FIXED POSITIVE LDO REGULATOR, QCC16 Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MRF160 |
POWE FIELD EFFECT TRANSISTOR
|
Advanced Semiconductor
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|